Part Number Hot Search : 
XC045 MPS5132C 2645TT CMZ5344B MDP0040 Z5237 PEMB20 242PC30M
Product Description
Full Text Search
 

To Download HA1-5104883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA-5104/883
July 1994
Low Noise, High Performance, Quad Operational Amplifier
Description
Low noise and high performance are key words describing the unity gain stable HA-5104/883. This general purpose quad amplifier offers an array of dynamic specifications including 1V/s slew rate (min), and 8MHz bandwidth (typ). Complementing these outstanding parameters are very low noise specifications of 4.3nV/Hz at 1kHz (typ) or 6nV/Hz (max). Fabricated using the Intersil standard high frequency D.I. process, these operational amplifiers also offer excellent input specifications such as 2.5mV (max) offset voltage and 75nA (max) offset current. Complementing these specifications are 100dB (min) open loop gain and 55dB channel separation (min). Economically, the HA-5104/883 also consumes a very moderate amount of power (225mW per package) while also saving board space and cost. This impressive combination of features make this amplifier ideally suited for designs ranging from audio amplifiers and active filters to the most demanding signal conditioning and instrumentation circuits.
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * Low Input Noise Voltage Density at 1kHz. . 6nV/Hz (Max) 4.3nV/Hz (Typ) * Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/s (Min) 3V/s (Typ) * Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 8MHz (Typ) * High Open Loop Gain (Full Temp) . . . . . 100kV/V (Min) 250kV/V (Typ) * High CMRR, PSRR (Full Temp) . . . . . . . . . . . 86dB (Min) 100dB (Typ) * Low Offset Voltage Drift . . . . . . . . . . . . . . 3V/oC (Typ) * No Crossover Distortion * Standard Quad Pinout
Applications
* High Q Active Filters * Audio Amplifiers * Integrators * Signal Generators * Instrumentation Amplifiers
Ordering Information
PART NUMBER HA1-5104/883 HA4-5104/883 TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC PACKAGE 14 Lead CerDIP 20 Lead Ceramic LCC
Pinouts
HA-5104/883 (CERDIP) TOP VIEW
OUT 1 -IN1 +IN1 V+ +IN2 -IN2 OUT 2 1 2 3 4 5 6 7 +2 -1 + 4+ 14 OUT 4 13 -IN4 12 +IN4 11 V3+ 10 +IN3 9 8 -IN3 OUT 3 +IN1 NC V+ NC +IN2 4 5 6 7 8 9 -IN2 10 11 12 13 NC OUT 2 OUT 3 -IN3 2 +3 -+ +1 -+ 4
HA-5104/883 (CLCC) TOP VIEW
OUT 1 -IN1 OUT 4 NC -IN4 18 +IN4 17 NC 16 V15 NC 14 +IN3
3
2
1
20 19
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
Spec Number
3-114
511014-883 File Number 3710
Specifications HA5104/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite (One Amplifier Shorted to Ground) Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Information
Thermal Resistance JA JC CerDIP Package . . . . . . . . . . . . . . . . . . . 75oC/W 20oC/W Ceramic LCC Package . . . . . . . . . . . . . . 65oC/W 15oC/W Package Power Dissipation Limit at +75oC for TJ +175oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.33W Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W Package Power Dissipation Derating Factor Above +75oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.3mW/oC Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 15V VINCM 1/2 (V+ - V-) RL 2k
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 1 2, 3 Input Bias Current +IB VCM = 0V, +RS = 10k, -RS = 100 VCM = 0V, +RS = 100, -RS = 10k VCM = 0V, +RS = 10k, -RS = 10k V+ = +3V, V- = -27V 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -CMR V+ = +27V, V- = -3V 1 2, 3 Large Signal Voltage Gain +AVOL VOUT = 0V and +10V, RL = 2k VOUT = 0V and -10V, RL = 2k VCM = +5V, V+ = +10V, V- = -20V, VOUT = -5V VCM = -5V, V+ = +20V, V- = -10V, VOUT = +5V 4 5, 6 4 5, 6 1 2, 3 1 2, 3 LIMITS TEMPERATURE +25oC +125oC, -55oC MIN -2.5 -3.0 -200 -325 -200 -325 -75 -125 +12 +12 100 100 100 100 86 86 86 86 MAX 2.5 3.0 200 325 200 325 75 125 -12 -12 UNITS mV mV nA nA nA nA nA nA V V V V kV/V kV/V kV/V kV/V dB dB dB dB
PARAMETERS Input Offset Voltage
SYMBOL VIO
CONDITIONS VCM = 0V
+25oC +125oC, -55oC
-IB
+25oC +125oC, -55oC
Input Offset Current
IIO
+25oC +125oC, -55oC
Common Mode Range
+CMR
+25oC +125oC, -55oC
+25oC +125oC, -55oC
+25oC +125oC, -55oC
-AVOL
+25oC +125oC, -55oC
Common Mode Rejection Ratio
+CMRR
+25oC +125oC, -55oC
-CMRR
+25oC +125oC, -55oC
Spec Number 3-115
511014-883
Specifications HA5104/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 1 2, 3 -VOUT1 RL = 2k 1 2, 3 +VOUT2 RL = 10k 1 2, 3 -VOUT2 RL = 10k 1 2, 3 Output Current +IOUT VOUT = -5V 1 2, 3 -IOUT VOUT = +5V 1 2, 3 Quiescent Power Supply Current +ICC VOUT = 0V, IOUT = 0mA 1 2, 3 -ICC VOUT = 0V, IOUT = 0mA 1 2, 3 Power Supply Rejection Ratio +PSRR VSUP = 10V, V+ = +10V, V- = -15V V+ = +20V, V- = -15V VSUP = 10V, V+ = +15V, V- = -10V V+ = +15V, V- = -20V 1 2, 3 1 2, 3 LIMITS TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 10 10 12 12 10 10 -6.5 -7.5 86 86 86 86 MAX -10 -10 -12 -12 -10 -10 6.5 7.5 UNITS V V V V V V V V mA mA mA mA mA mA mA mA dB dB dB dB
PARAMETERS Output Voltage Swing
SYMBOL +VOUT1
CONDITIONS RL = 2k
-PSRR
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50, RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. GROUP A SUBGROUPS 4 4 4 4 4 4 LIMITS TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC MIN 1 1 MAX 200 200 35 35 UNITS V/s V/s ns ns % %
PARAMETERS Slew Rate
SYMBOL +SR -SR
CONDITIONS VOUT = -3V to +3V VOUT = +3V to -3V VOUT = 0 to +200mV 10% TR 90% VOUT = 0 to -200mV 10% TF 90% VOUT = 0 to +200mV VOUT = 0 to -200mV
Rise and Fall Time
TR TF
Overshoot
+OS -OS
Spec Number 3-116
511014-883
Specifications HA5104/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, AVCL = 1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Differential Input Resistance Input Noise Voltage Density Input Noise Current Density Full Power Bandwidth Minimum Closed Loop Stable Gain Output Resistance Quiescent Power Consumption Channel Separation SYMBOL RIN EN IN FPBW CLSG ROUT PC CS CONDITIONS VCM = 0V RS = 20, fO = 1000Hz RS = 2M, fO = 1000Hz VPEAK = 10V RL = 2k, CL = 50pF Open Loop VOUT = 0V, IOUT = 0mA RS = 1k, AVCL = 100V/V, VIN = 100mVPEAK at 10kHz Referred to Input NOTES 1 1 1 1, 2 1 1 1, 3 1 TEMPERATURE +25oC +25oC +25oC +25oC -55oC to +125oC +25oC -55oC to +125oC MIN 250 32 +1 55 MAX 6 3 270 225 UNITS k nV/Hz pA/Hz kHz V/V mW dB
+25oC
NOTES: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 1. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLES 1 AND 2) 1 1 (Note 1), 2, 3, 4, 5, 6 1, 2, 3, 4, 5, 6 1
Spec Number 3-117
511014-883
HA5104/883 Die Characteristics
DIE DIMENSIONS: 95 x 99 x 19 mils 1 mils 2420 x 2530 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over Silox (SIO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 1.43 x 105 A/cm2 SUBSTRATE POTENTIAL (Powered Up): Unbiased TRANSISTOR COUNT: 175 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA5104/883
+IN2 V+ +IN1
-IN2
-IN1
OUT2 OUT3
OUT1 OUT4
-IN3
-IN4
+IN3
V-
+IN4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Spec Number 3-118
511014-883


▲Up To Search▲   

 
Price & Availability of HA1-5104883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X